PART |
Description |
Maker |
R720366XXWA R5010210XXWA R9G00822XXWA R9G00622XXWA |
600 A, 3600 V, SILICON, RECTIFIER DIODE 100 A, 200 V, SILICON, RECTIFIER DIODE 2200 A, 800 V, SILICON, RECTIFIER DIODE 2200 A, 600 V, SILICON, RECTIFIER DIODE 2200 A, 400 V, SILICON, RECTIFIER DIODE 450 A, 150 V, SILICON, RECTIFIER DIODE 550 A, 50 V, SILICON, RECTIFIER DIODE 550 A, 150 V, SILICON, RECTIFIER DIODE 2500 A, 1300 V, SILICON, RECTIFIER DIODE 300 A, 900 V, SILICON, RECTIFIER DIODE 1800 A, 200 V, SILICON, RECTIFIER DIODE 1200 A, 3100 V, SILICON, RECTIFIER DIODE 2000 A, 2300 V, SILICON, RECTIFIER DIODE 3600 A, 2300 V, SILICON, RECTIFIER DIODE 100 A, 150 V, SILICON, RECTIFIER DIODE
|
POWEREX INC
|
154L80AM 200HFR100FV 45LF120 LR80A LR80M |
150 A, 800 V, SILICON, RECTIFIER DIODE 200 A, 1000 V, SILICON, RECTIFIER DIODE 150 A, 1200 V, SILICON, RECTIFIER DIODE DIODE 150 A, 800 V, SILICON, RECTIFIER DIODE, Rectifier Diode DIODE 150 A, 800 V, SILICON, RECTIFIER DIODE, DO-205AC, Rectifier Diode
|
Vishay Semiconductors
|
1N5811D3B-JQRS.GRPC 1N5811D3A |
3 A, 150 V, SILICON, RECTIFIER DIODE HERMETIC SEALED, CERAMIC, DLCC3 VARIANT B, 2 PIN ULTRA FAST RECOVERY POWER RECTIFIER
|
TT electronics Semelab, Ltd. Seme LAB
|
150KSR200M 152KR300AMPBF |
150 A, 200 V, SILICON, RECTIFIER DIODE 150 A, 300 V, SILICON, RECTIFIER DIODE, DO-205AA
|
|
BYW81PI-150 BYW81P-150 |
15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC, ISOLATED TO-220, 2 PIN 15 A, 150 V, SILICON, RECTIFIER DIODE PLASTIC PACKAGE-2
|
ST Microelectronics
|
2N2505 |
Silicon Controlled Rectifier; Package: TO-93; IT (Av) (A): 150; VTM (V): 1.7; VGT (V): 3; IGT (µA): 150; Vrrm (V): 200; 235.5 A, SCR, TO-93
|
Microsemi, Corp.
|
SD125SA60B |
SILICON SCHOTTKY RECTIFIER DIE Very Low Forward Voltage Drop (150 ∑C TJ Operation) 15 A, SILICON, RECTIFIER DIODE
|
Sensitron Semiconductor
|
SDR75010 SDR75015 SDR75010U SDR75020 SDR75015US1TX |
ULTRAFAST RECTIFIER 75 A, 150 V, SILICON, RECTIFIER DIODE 75 A, 150 V, SILICON, RECTIFIER DIODE, TO-254AA 75 A, 200 V, SILICON, RECTIFIER DIODE, TO-254AA
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
MJH11019G MJH11018G |
15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 200 V, PNP, Si, POWER TRANSISTOR, TO-218 15 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS 150−250 VOLTS, 150 WATTS 15 A, 150 V, NPN, Si, POWER TRANSISTOR, TO-218
|
ON Semiconductor
|
NTE5864 NTE5889 NTE5865 |
Silicon power rectifier diode. Anode to case. Peak reverse voltage 200V. Max forward current 30A. Silicon Power Rectifier Diode, 25 Amp Silicon Power Rectifier Diode 25 Amp Silicon Power Rectifier Diode / 25 Amp
|
NTE[NTE Electronics]
|
SPD58021 SPD5804S |
LOW LEAKAGE 2.0 AMPS 50 - 150 VOLTS 25 ns HYPERFAST RECOVERY RECTIFIER 2 A, 100 V, SILICON, RECTIFIER DIODE
|
Solid States Devices, Inc Solid State Devices, Inc.
|
|